PART |
Description |
Maker |
LH5491 LH5481 |
Cascadable 64 x 8 FIFO Cascadable 64 x 9 FIFO Cascadable 64 x 8 FIFO, Cascadable 64 x 9 FIFO
|
Sharp Electrionic Compo... Sharp Corporation
|
IDT7203L20J IDT7203L20JB IDT7204L20J IDT7204L20JB |
CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 CMOS ASYNCHRONOUS FIFO 2048 x 9 4096 x 9 8192 x 9 and 16384 x 9 RES,SMD,100,1%,0.063W,0603 High-speed double diode - Cd max.: 1.5 pF; Configuration: dual c.c. ; IF max: 215 mA; IFSM max: 4 A; IR max: 500@VR=80V nA; IFRM: 500 mA; trr max: 4 ns; VFmax: 1@IF=50mA mV; VR max: 80 V Schottky barrier diode - Cd max.: 100@VR=4V pF; Configuration: single ; IF: 1 A; IFSM max: 25 A; IR max: 1@VR=25V mA; VFmax: 450@IF=1A mV; VR: 25 V CMOS ASYNCHRONOUS FIFO 2048 x 9/ 4096 x 9/ 8192 x 9 and 16384 x 9 Trenchmos (tm) logic level FET - Configuration: Single N-channel ; I<sub>D</sub> DC: 0.34 A; R<sub>DS(on)</sub>: 3900@10V5300@4.5V mOhm; V<sub>DS</sub>max: 60 V 异步FIFO的CMOS 2048 × 9096 × 9192 × 96384 × 9 INSERT, COAX FEMALE STRAIGHTINSERT, COAX FEMALE STRAIGHT; Impedance:50R; Coaxial cable type:RG174AU/RG188AU/RG316AU 16K X 9 OTHER FIFO, 50 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 30 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 异步FIFO的CMOS 2048 × 9096 × 9192 × 96384 × 9 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 16K X 9 OTHER FIFO, 50 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 16K X 9 OTHER FIFO, 50 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 16K X 9 OTHER FIFO, 50 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 20 ns, PQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 8K X 9 OTHER FIFO, 50 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 80 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 80 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 25 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 8K X 9 OTHER FIFO, 20 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 20 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 8K X 9 OTHER FIFO, 50 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 20 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 20 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 65 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 65 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 50 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 50 ns, PQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 25 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 50 ns, PQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 65 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 65 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 65 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 80 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 80 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 80 ns, CDIP28
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc. Air Cost Control INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Techn...
|
MS7202AL MS7201AL MS7200L MS7200-25FC MS7201-25FC |
25ns; 256 x 9, 512 x9, 1K x 9 CMOS FIFO 256 X 9 OTHER FIFO, 25 ns, PQCC32 25ns 256 x 9, 512 x9, 1K x 9 CMOS FIFO 256 x 9 CMOS FIFO 256 x 9, 512 x 9, 1K x 9 CMOS FIFO FIFO, Single, 256x9, Uni-directional, 5V Supply, Commercial, LDCC, 32-Pin
|
MOSEL-VITELIC Mosel Vitelic, Corp. MOSEL[Mosel Vitelic, Corp] Mosel Vitelic Corp
|
CY7C466A-10PTC CY7C464A-10PTC CY7C462A-15JC CY7C46 |
Asynchronous/ Cascadable 8K/16K/32K/64K x9 FIFOs Asynchronous, Cascadable 8K/16K/32K/64K x9 FIFOs 64K X 9 OTHER FIFO, 10 ns, PDIP28
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
IDT72401 IDT72401L10D IDT72401L10DB IDT72401L10P I |
Current-Mode PWM Controller 8-PDIP 0 to 70 High-Performance Current-Mode PWM Controller 8-SOIC 0 to 70 PT 39C 2#16 37#20 PIN RECP 64 X 5 OTHER FIFO, 55 ns, CDIP18 CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT 64 X 5 OTHER FIFO, 55 ns, CDIP18 CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT CMOS并行FIFO4 × 4位和64 × 5 CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT 64 X 5 OTHER FIFO, 19 ns, PDIP18
|
Integrated Device Technolog... IDT[Integrated Device Technology] Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
CD40105BMS FN3353 CD40105 CD40105BFMSR |
16 X 4 OTHER FIFO, CDIP16 From old datasheet system CMOS FIFO Register FIFO Register, 4-Bitsx16-Words, Rad-Hard, CMOS, Logic
|
INTERSIL[Intersil Corporation]
|
IDT72V7230 IDT72V7240L15BB IDT72V7230L10BB |
512 X 72 SuperSync II FIFO, 3.3V 1K x 72 SuperSync II FIFO, 3.3V 3.3 VOLT HIGH-DENSITY SUPERSYNC II 72-BIT FIFO
|
IDT Integrated Device Technology
|
7280L20PA |
FIFO 256X9 20NS TSSOP56 512 X 9 BI-DIRECTIONAL FIFO, 20 ns, PDSO56
|
Integrated Device Technology, Inc.
|
IDT72V01 IDT72V01L25J IDT72V01L35J IDT72V02 IDT72V |
3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9 2K X 9 OTHER FIFO, 25 ns, PQCC32
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
IDT72T18105L4-4BB IDT72T18115L4-4BB IDT72T18125L4- |
128K x 18 / 256K x 9 TeraSync FIFO, 2.5V - Best Value! 256K x 18 / 512K x 9 TeraSync FIFO, 2.5V - Best Value! 512K x 18 / 1M x 9 TeraSync FIFO, 2.5V - Best Value! 2K x 18 / 4K x 9 TeraSync FIFO, 2.5V - Best Value! 4K x 18 / 8K x 9 TeraSync FIFO, 2.5V - Best Value! 8K x 18 / 16K x 9 TeraSync FIFO, 2.5V - Best Value! 16K x 18 / 32K x 9 TeraSync FIFO, 2.5V - Best Value! 32K x 18 / 64K x 9 TeraSync FIFO, 2.5V - Best Value! 64K x 18 / 128K x 9 TeraSync FIFO, 2.5V - Best Value!
|
IDT
|
74F433SPC 74F433 74F433SPCQR 74F433DC |
First-In First-Out (FIFO) Buffer Memory Multi-Mode FIFO
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
XR16C850CQ XR16C850CJ XR16C850CP |
UART with 128-byte FIFO’s FIFO Counters and Half-duplex Control 1 CHANNEL(S), 2.25M bps, SERIAL COMM CONTROLLER, PQFP52
|
Exar Corporation Exar, Corp.
|
|